Part Number Hot Search : 
HC405 SD103AW C5193 SFF1005G TDB7711 SFRU9024 BP32E3 Z0109
Product Description
Full Text Search
 

To Download CDBF0230L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Schottky Barrier Diode
COMCHIP
SMD Diodes Specialist
CDBF0230L
Io = 200 mA VR = 30 Volt s Features
Low forward Voltage
(Lead-free Device)
Designed for mounting on small surface. Extremely thin/leadless package. Majority carrier conduction.
1005(2512)
0.102(2.60) 0.095(2.40)
Mechanical data
Case: SOD-323F (2512) Standard package , molded plastic.
0.051(1.30) 0.043(1.10)
0.035(0.90)
Terminals: Gold plated, solderable per MIL-STD-750, method 2026. Polarity: Indicated by cathode band. Mounting position: Any. Weight: 0.006 gram (approximately).
0.027(0.70)
0.020(0.50) Typ.
0.012 (0.30) Typ.
0.020(0.50) Typ.
Dimensions in inches and (millimeter)
Maximum Rating ( at T A = 25 C unless otherwise noted )
Parameter
Repetitive peak reverse voltage Reverse voltage Average forward rectified current Forward current , surge peak Storage temperature Junction temperature 8.3 ms single half sine-wave superimposed on rate load ( JEDEC method )
Conditions
Symbol Min Typ Max Unit
VRRM VR Io IFSM TSTG Tj -40 -40 35 30 200 1 +125 +125 V V mA A C C
Electrical Characteristics ( at T A = 25 C unless otherwise noted )
Parameter
Forward voltage Reverse current I F = 200 mA VR = 10 V
Conditions
Symbol Min Typ Max Unit
VF IR 0.5 30 V uA
REV:A
QW-A1026
Page 1
SMD Schottky Barrier Diode
COMCHIP
SMD Diodes Specialist
RATING AND CHARACTERISTIC CURVES (CDBF0230L)
Fig. 1 - Forward characteristics
1000 1m
75 C
Fig. 2 - Reverse characteristics
Forward current (mA )
100
Reverse current ( A )
100u
o
5
C
10u
25
C
12
5
10
o
7
C
o
5
2
C
o
2
C
1u
1
5
100n
25
C
0 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8
10n 0 5 10 15 20 25 30
Forward voltage (V)
Reverse voltage (V)
Fig. 3 - Capacitance between terminals characteristics
Capacitance between terminals (pF)
100
Fig. 4 - Current derating curve
Average forward current ( % )
100
80
10
60
40
20
1
0 0
5 10 15 20 25 30
0
25
50
75
100
125
Reverse voltage (V)
Ambient temperature ( C )
REV:A
QW-A1026
Page 2


▲Up To Search▲   

 
Price & Availability of CDBF0230L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X